PART |
Description |
Maker |
LTC2631ACTS8-LZ10 LTC2631AHTS8-LZ10 LTC2631AITS8-L |
Single 12-/10-/8-Bit I2C VOUT DACs with 10ppm/隆?C Reference Single 12-/10-/8-Bit I2C VOUT DACs with 10ppm/掳C Reference Single 12-/10-/8-Bit I2C VOUT DACs with 10ppm/°C Reference 8-BIT DAC, PDSO8
|
LINEAR TECHNOLOGY CORP
|
LTC2631CTS8-HM8PBF LTC2631HTS8-HM8TRMPBF LTC2631AH |
Single 12-/10-/8-Bit I2C VOUT DACs with 10ppm/°C Reference
|
Linear Technology
|
AD5060ARJZ-1REEL7 AD5060ARJZ-2REEL7 AD5060YRJZ-1RE |
Full Accurate 3 V/5 V 16-Bit VOUT nanoDAC® Converter, Output Buffered, in a Sot 23; Package: SOT-23; No of Pins: 8; Temperature Range: Industrial SERIAL INPUT LOADING, 4 us SETTLING TIME, 16-BIT DAC, PDSO8 Fully Accurate 14-/16-Bit VOUT nanoDAC SPI Interface 2.7 V to 5.5 V, in an SOT-23 Fully Accurate 14-/16-Bit VOUT nanoDAC?SPI Interface 2.7 V to 5.5 V, in an SOT-23
|
Analog Devices, Inc. ANALOG DEVICES INC
|
28C64AF-20/TS 28C64AF-15/TS 28C64AF-15I/TS 28C64AF |
16-Bit Parallel-Input Voltage-Output DACs with Internal Reference 16-Bit DACs with 16-Channel Sample-and-Hold Outputs Evaluation Kit/Evaluation System for the MAX5591/MAX5593/MAX5595 x8的EEPROM 32-Channel, 14-Bit, Voltage-Output DACs with Serial Interface x8的EEPROM 128Kx8 EEPROM 128Kx8 EEPROM
|
Microchip Technology, Inc.
|
MX7534 MX7534AD MX7534AQ MX7534BD MX7534BQ MX7534J |
Microprocessor-Compatible 14-Bit DACs Microprocessor-Compatible / 14-Bit DACs Microprocessor-Compatible, 14-Bit DACs PARALLEL, 8 BITS INPUT LOADING, 0.8 us SETTLING TIME, 14-BIT DAC, PQCC20 Microprocessor-Compatible, 14-Bit DACs PARALLEL, WORD INPUT LOADING, 0.8 us SETTLING TIME, 14-BIT DAC, PQCC28
|
MAXIM - Dallas Semiconductor Maixm MAXIM[Maxim Integrated Products] Maxim Integrated Products, Inc. MAXIM INTEGRATED PRODUCTS INC
|
AD7835ASZ-REEL ANALOGDEVICESINC-AD7835ASZ-REEL AD7 |
LC2MOS Quad 14-Bit DACs LC2MOS Quad 14-Bit DAC; Package: MQFP (13.90mm wide); No of Pins: 44; Temperature Range: Commercial LC MOS Quad 14-Bit DACs
|
ANALOG DEVICES INC
|
MAX535 MAX5351ACPA MAX5351ACUA MAX5351AEPA MAX5351 |
Low-Power 13-Bit Voltage-Output DACs with Serial Interface Contact Gender:Pin; Circular Shell Style:Straight Plug; Insert Arrangement:23-35 RoHS Compliant: No Low-Power / 13-Bit Voltage-Output DACs with Serial Interface Low-Power, 13-Bit Voltage-Output DACs with Serial Interface SERIAL INPUT LOADING, 16 us SETTLING TIME, 13-BIT DAC, PDSO8 Low-Power, 13-Bit Voltage-Output DACs with Serial Interface SERIAL INPUT LOADING, 16 us SETTLING TIME, 13-BIT DAC, PDIP8
|
MAXIM - Dallas Semiconductor MAXIM[Maxim Integrated Products] Maxim Integrated Products, Inc.
|
TDA8444AT TDA8444T TDA8444 TDA8444P/N4 TDA8444A TD |
Octuple 6-bit DACs with I 2 C-bus From old datasheet system TDA8444; TDA8444T; TDA8444AT; Octuple 6-bit DACs with I²C-bus
|
NXP Semiconductors N.V. Philips
|
AD5429 AD5429YRU-REEL AD5553 AD5555 |
(AD54x9) Bandwidth Multiplying DACs Dual 8-,10-,12-Bit High Bandwidth Multiplying DACs with Serial Interface SERIAL INPUT LOADING, 0.08 us SETTLING TIME, 8-BIT DAC, PDSO16
|
Analog Devices, Inc.
|
ADUC831BCP ADUC831BS EVAL-ADUC831QSZ |
MicroConverter/ 12-Bit ADCs and DACs with Embedded 62 kBytes Flash MCU Circular Connector; No. of Contacts:6; Series:LJT07R; Body Material:Aluminum; Connecting Termination:Crimp; Connector Shell Size:9; Circular Contact Gender:Socket; Circular Shell Style:Jam Nut Receptacle; Insert Arrangement:9-35 MicroConverter, 12-Bit ADCs and DACs with Embedded 62 kBytes Flash MCU 8-BIT, FLASH, 16.78 MHz, MICROCONTROLLER, PQFP52 LJT 6C 6#22D PIN RECP MicroConverter的,12位ADC2 kBytes为嵌入式闪存MCU数模转换 MicroConverter?, 12-Bit ADCs and DACs with Embedded 62 kBytes Flash MCU
|
Analog Devices, Inc.
|
ADV7122KST30 ADV7122KP80 ADV7121 ADV7122KP50-REEL |
CMOS 80 MHz, Triple 10-Bit Video DACs TRIPLE, PARALLEL, 8 BITS INPUT LOADING, 10-BIT DAC, PQCC44 CMOS 80 MHz, Triple 10-Bit Video DACs 80兆赫的CMOS,三0位视频DAC
|
Analog Devices, Inc.
|